Part Number Hot Search : 
KBJ25B X05S47 SB1545 MN101C 571007 F092011 M7403 X05S47
Product Description
Full Text Search
 

To Download ERF8-020-050-L-DV-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  designed & dimensioned in millimeters[inches] do not scale from this print "e" (ref) 3.35 .132 (ref) 1.32 (ref) .052 "a" "a" erf8-xxx-xx.x-dv-01 (see table 3) (ref) "b" 3.36 .132 (ref) 5.60 .220 (ref) (ref) "a" "c" 0.800 (typ) .0315 (tol. non-accum) 02 60 59 01 c2 c1 position #1 indicator (-05.0 shown) erf8-xxx-xx.x-x-dv-xx no of positions (per row) lead style -05.0 = 5mm **-07.0 = 7mm plating specification -l: light selective gold / matte tin (use c-211-xx.x-l) -s: selective gold / matte tin (use c-211-xx.x-s) -dv: double vertical row specification option -010, -011, -013, -020, -023, -025, -030, -040, -049, -050, -060, -070, -075,*-100 -k: polyamide film pad -tr: tape & reel -l : esd latches (available only on -05.0 lead style) * = not tooled ** = not released for production ** "c" 1.50 .059 (ref) 0.800 (typ) .0315 (tol non accum) (ref) "d" 3.40 .134 3 max sway (typ) 'd' c l c l c3 c4 (typ) "f" 5.30 (ref) .209 1.24 (ref) .049 1.04 (ref) .041 (2 plcs) 2.58 0.12 .101 .005 5.41 - 0.13 + 0.18 .213 - .005 + .007 section "a"-"a" scale 5 : 1 c5 c-211-xx.x-x (see table 3) 0.50 [.020] x 45 (ref) c l c8 c7 c6 c see table 1 (-07.0 shown) 1.32 .052 ref 1.10 .043 ref detail 'd' scale 5 : 1 c (* = not tooled) (** = not released for production) fig.1 (erf8-030-05.0-x-dv-xx shown) (center features removed for clarity) (** = not released for production) sheet of unless otherwise specified, dimensions are in millimeters [inches]. tolerances are: decimals angles x.x: 0.3 [.01] 2 x.xx: 0.13 [.005] x.xxx: 0.050 [.0020] material: .8mm edge rate socket assembly by: erf8-xxx-xx.x-x-dv-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing knowlden 9/26/2005 2 1 sheet scale: 2:1 insulator: lcp, color: black contact & latches: becu f:\dwg\misc\mktg\erf8-xxx-xx.x-x-dv-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. burr allowance: 0.038[.0015] max. 3. minimum pushout force: 2.22 n [.5 lb.] 4. parts to be packaged in trays, unless -tr option is specified. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision b
6.00 .236 0.50[.020] "h" c l c l "g" 0.35 .014 "j" (ref) "b" "b" c l 6.00 .236 0.50[.020] "m" c l c l 0.25 .010 (ref) "k" "l" 'c' section "b"-"b" scale 2.5 : 1 c l c9 c10 c12 2 max sway (either direction) wt-30-01-f 0.64 .025 (ref) 1.17 .046 0.94 (ref) .037 c l c11 2.05 .081 (ref) detail 'c' scale 5 : 1 3 max sway (typ) c-211-xx.x-x in-process view fig.2 -k option (use k-500-300) (erf8-030-xx.x-x-dv-k shown) fig. 3 (erf8-025-05.0-x-dv-l shown) (same as fig. 1, except as shown) (available on -05.0 lead style only) (center features removed for clarity) ** not released for production fig. 4 (erf8-025-05.0-x-dv-k-l shown) (same as fig. 2, except as shown) (center features removed for clarity) (* = not tooled) (** = not released for production) (* = not tooled) sheet of .8mm edge rate socket assembly by: erf8-xxx-xx.x-x-dv-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing knowlden 9/26/2005 2 2 sheet scale: 2:1 revision b f:\dwg\misc\mktg\erf8-xxx-xx.x-x-dv-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of ERF8-020-050-L-DV-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X